PART |
Description |
Maker |
CDLL4620 CDLL4614 CDLL4615 CDLL4616 CDLL4617 CDLL4 |
4.3 volt zener diode 3.3 volt zener diode 5.1 volt zener diode 3.9 volt zener diode 2.4 volt zener diode LEADLESS PACKAGE FOR SURFACE MOUNT 2-of-3 Decoder/Demultiplexer 8-US8 -40 to 85 2-of-3 Decoder/Demultiplexer 8-SM8 -40 to 85 2-of-3 Decoder/Demultiplexer 8-DSBGA -40 to 85 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 4.7 volt zener diode 5.6 volt zener diode 2.2 volt zener diode 3.6 volt zener diode 2.0 volt zener diode
|
Compensated Devices Incorporated CDI-DIODE[Compensated Deuices Incorporated]
|
AT49LV2048B AT49LV2048B-45TI AT49BV2048B-70TI |
AT49BV/LV2048B [Updated 10/02. 13 Pages] 2M bit. 2.7-Volt (BV)/3-Volt (LV) Read and2.7-Volt (BV)/3-Volt (LV) Byte-Write Flash EEPROM EEPROM
|
TE Connectivity, Ltd.
|
Q7010LH5 Q7010RH5 Q7012LH5 Q7012RH5 Q7015L6 Q7015R |
Alternistor triac, 25A, 800 Volt Alternistor triac, 15A, 400 Volt Alternistor triac, 25A, 500 Volt Alternistor triac, 25A, 200 Volt Alternistor triac, 8A, 500 Volt Alternistor triac, 25A, 400 Volt Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-35 Alternistor Triacs 交变双向 Alternistor triac, 6A, 500 Volt Alternistor triac, 15A, 200 Volt Alternistor triac, 15A, 500 Volt Alternistor triac, 15A, 600 Volt Alternistor Triacs
|
TECCOR[Teccor Electronics] Littelfuse, Inc. Motorola Mobility Holdings, Inc.
|
207 208 252 239 250 230 248 256 237 253 242 238 20 |
Low-Frequency Dual EconOscillator Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN Evaluation Kit for the MAX2251 5 Volt and 3.3 Volt MicroMonitor Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier 1-Wire Parasite-Power Digital Thermometer Econ-Digital Thermometer and Thermostat 3.3V EconoReset with Open Drain Output Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface Interface IC Pin Switch Drivers
|
New England Microwave Corp.
|
ICS2309 ICS2309G-1H ICS2309G-1HLF ICS2309G-1HLFT I |
3.3 VOLT ZERO DELAY / LOW SKEW BUFFER 3.3 Volt Zero Delay, Low Skew Buffer From old datasheet system
|
ICST[Integrated Circuit Systems]
|
M65609ENBSP M65609E MMDJ-65609EV-40 MMDJ-65609EV-4 |
Rad Hard 3.3 Volt 128Kx8 Very Low Power CMOS SRAM From old datasheet system Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
|
ATMEL Corporation
|
MMBZ4690 MMBZ4691 MMBZ4692 MMBZ4693 MMBZ4694 MMBZ4 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) ZENER DIODES VOLT SUPP AVX VC120605A150
|
GE Security, Inc. GE[General Semiconductor]
|
MK3727H |
Low Drive 3.3 Volt VCXO
|
ICS
|
MK3727E |
Low Cost 27 MHz 3.3 Volt VCXO
|
ICS
|
AT29LV256NBSP AT29LV256 |
256K, 3-Volt Read and 3-Volt Write Flash From old datasheet system
|
Atmel Corp
|
DS1693 |
3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
|
TE Connectivity, Ltd.
|
AT25DF041A-SSHF-B AT25DF041A-SSHF-T AT25DF041A-SSH |
4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
|
ATMEL Corporation
|